PART |
Description |
Maker |
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
BLM21B601SPT BLM21B601SPT1 BLM11B601SPT BLM10B421S |
EMI FILTER FERRITE BEAD 600 OHM@100MHZ 200MA SMD 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 0805 FERRITE BEAD, 0603, 600 MHZ, 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
B39951-B4686-Z610 |
1 FUNCTIONS, 947.5 MHz, SAW FILTER
|
EPCOS AG
|
B39491-B4826-Z610 |
1 FUNCTIONS, 487 MHz, SAW FILTER
|
EPCOS AG
|
B39102-B3852-U410 |
1 FUNCTIONS, 1047.65 MHz, SAW FILTER
|
EPCOS AG
|
MP01907 |
1 FUNCTIONS, 350 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
SAEEB897MCA0B00R14 |
1 FUNCTIONS, 897.5 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd.
|
SAFSE1G88KC0T00 |
1 FUNCTIONS, 1880 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd.
|
EP942MCN0F10R05 |
2 FUNCTIONS, 942.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
|